PART |
Description |
Maker |
LTC1760CFW |
Dual Smart Battery System Manager
|
LINEAR TECHNOLOGY CORP
|
LT1579 LT1579-3 LT1579CGN LT1579CGN-3 LT1579CGN-3. |
From old datasheet system 300mA Dual Input Smart Battery Backup Regulator
|
LINER[Linear Technology]
|
M61040 M61040FP M61040E |
From old datasheet system Smart battery protection and monitoring IC
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
MC33349N-1 MC33349N-10 MC33349N-2 MC33349N-3 MC333 |
LITHIUM BATTERY PROTECTION CIRCUIT FOR ONE CELL SMART BATTERY PACKS 锂电池保护电路的一个单元智能型电池
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
MC33348D-2 MC33348D-1 MC33348D-3 MC33348D-4 MC3334 |
LITHIUM BATTERY PROTECTION CIRCUIT FOR ONE CELL SMART BATTERY PACKS
|
Motorola, Inc.
|
DS2438 |
Smart Battery Monitor
|
MAXIM - Dallas Semiconductor
|
DS2438Z |
Smart Battery Monitor
|
Maxim Integrated Products
|
X40420S14-B X40420S14-C X40420S14-A X40420S14I-B X |
Dual Voltage Monitor with Intergrated CPU Supervisor 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO14 Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
|
INTERSIL CORP Intersil, Corp. http:// Intersil Corporation
|
LTC4100-15 |
Smart Battery Charger Controller
|
Linear Technology
|
PFLDL-TTL-9-8T PFLDL-TTL-9-6G PFLDL-TTL-9-30T PFLD |
Low Voltage Current Mode PWM Controller; Package: SO; No of Pins: 8; Temperature Range: -40°C to 125°C 7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 300mA Dual Input Smart Battery Backup Regulator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 300mA Dual Input Smart Battery Backup Regulator; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 45MHz, 45V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C 30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C 45MHz, 45V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Delay Line 延迟 Synchronous, Step-Down 800kHz PWM DC/DC Converter 延迟 7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C 延迟 Micropower Precision Shunt Voltage Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 延迟 300mA Dual Input Smart Battery Backup Regulator; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 延迟 ACTIVE DELAY LINE, COMPLEMENTARY OUTPUT, DSO15
|
Bourns, Inc. Atmel, Corp. BI Technologies, Corp. Kingbright, Corp. Advanced Interconnections, Corp. Murata Manufacturing Co., Ltd. ENGINEERED COMPONENTS CO
|
ZSPM4121 ZSPM4121AI1W17 ZSPM4121AI1W21 ZSPM4121AI1 |
Under-Voltage Load Switch for Smart Battery Management
|
Analog Devices
|
MAX8814ETA MAX8814 |
28V Linear Li Battery Charger with Smart Autoboot Assistant
|
Maxim Integrated Products
|